Part Number Hot Search : 
P80NF5 NDV4916E D84DM2 D74LV BH7601FS MC1906L ISL43410 CH430
Product Description
Full Text Search
 

To Download SFH617A-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
SFH617A
Vishay Semiconductors
Optocoupler, High Reliability, 5300 VRMS
Features
* Good CTR Linearity Depending on Forward Current * Isolation Test Voltage, 5300 VRMS * High Collector-Emitter Voltage, VCEO = 70 V * Low Saturation Voltage * Fast Switching Times * Low CTR Degradation * Temperature Stable * Low Coupling Capacitance * End-Stackable, .100 " (2.54 mm) Spacing * High Common-Mode Interference Immunity * Lead-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
A C
1 2
4 3
C E
17907
e3
Pb
Pb-free
Agency Approvals
* UL1577, File No. E52744 System Code H or J, Double Protection * DIN EN 60747-5-2 (VDE0884) DIN EN 60747-5-5 pending Available with Option 1 * CSA 93751
The couplers are end-stackable with 2.54 mm spacing. Creepage and clearance distances of > 8.0 mm are achieved with option 6. This version complies with IEC 60950 (DIN VDE 0805) for reinforced insulation up to an operation voltage of 400 VRMS or DC. Specifications subject to change.
Order Information
Part SFH617A-1 SFH617A-2 SFH617A-3 Remarks CTR 40 - 80 %, DIP-4 CTR 63 - 125 %, DIP-4 CTR 100 - 200 %, DIP-4 CTR 160 - 320 %, DIP-4 CTR 40 - 80 %, DIP-4 400 mil (option 6) CTR 63 - 125 %, DIP-4 400 mil (option 6) CTR 63 - 125 %, SMD-4 (option 9) CTR 100 - 200 %, DIP-4 400 mil (option 6) CTR 100 - 200 %, SMD-4 (option 7) CTR 160 - 320 %, DIP-4 400 mil (option 6)
Description
The SFH617A (DIP) feature a high current transfer ratio, low coupling capacitance and high isolation voltage. These couplers have a GaAs infrared diode emitter, which is optically coupled to a silicon planar phototransistor detector, and is incorporated in a plastic DIP-4 package. The coupling devices are designed for signal transmission between two electrically separated circuits.
SFH617A-4 SFH617A-1X006 SFH617A-2X006 SFH617A-2X009 SFH617A-3X006 SFH617A-3X007 SFH617A-4X006
For additional information on the available options refer to Option Information.
Document Number 83740 Rev. 1.4, 26-Oct-04
www.vishay.com 1
SFH617A
Vishay Semiconductors Absolute Maximum Ratings
VISHAY
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Parameter Reverse voltage DC Forward current Surge forward current Power dissipation t 10 s Test condition Symbol VR IF IFSM Pdiss Value 6.0 60 2.5 100 Unit V mA A mW
Output
Parameter Collector-emitter voltage Emitter-collector voltage Collector current t 1.0 ms Power dissipation Test condition Symbol VCE VEC IC IC Pdiss Value 70 7.0 50 100 150 Unit V V mA mA mW
Coupler
Parameter Isolation test voltage between emitter and detector, refer to climate DIN 40046, part 2, Nov. 74 Creepage Clearance Insulation thickness between emitter and detector Comparative Tracking index per DIN IEC 112/VDEO 303, part 1 Isolation resistance VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C Storage temperature range Ambient temperature range Junction temperature Soldering temperature max. 10 s. dip soldering distance to seating plane 1.5 mm RIO RIO Tstg Tamb Tj Tsld Test condition Symbol VISO Value 5300 Unit VRMS
7.0 7.0 0.4 175 1012 1011 - 55 to + 150 - 55 to + 100 100 260
mm mm mm
C C C C
www.vishay.com 2
Document Number 83740 Rev. 1.4, 26-Oct-04
VISHAY
SFH617A
Vishay Semiconductors
Figure 1. Permissible Power Dissipation vs. Ambient Temperature
200
P -Power Dissipation (mW) tot
150 Phototransistor
100
50
Diode
0 0
18483
25
50
75
100
125
150
Tamb - Ambient Temperature ( C )
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
(IR GaAs) Parameter Forward voltage Reverse current Capacitance Thermal resistance Test condition IF = 60 mA VR = 6.0 V VR = 0 V, f = 1.0 MHz Symbol VF IR CO Rthja Min Typ. 1.25 0.01 13 750 Max 1.65 10 Unit V A pF K/W
Output
(Si Phototransistor) Parameter Collector-emitter capacitance Thermal resistance Collector-emitter leakage current VCE = 10 V SFH617A-1 SFH617A-2 SFH617A-3 SFH617A-4 Test condition VCE = 5 V, f = 1.0 MHz Part Symbol CCE Rthja ICEO ICEO ICEO ICEO Min Typ. 5.2 500 2.0 2.0 5.0 5.0 50 50 100 100 Max Unit pF K/W nA nA nA nA
Coupler
Parameter Collector-emitter saturation voltage Coupling capacitance Test condition IF = 10 mA, f = 1.0 MHz Symbol VCEsat CC Min 0.4 Typ. 0.25 0.4 Max Unit V pF
Document Number 83740 Rev. 1.4, 26-Oct-04
www.vishay.com 3
SFH617A
Vishay Semiconductors Current Transfer Ratio
Parameter IC/IF Test condition IF = 10 mA, VCE = 5.0 V Part SFH617A-1 SFH617A-2 SFH617A-3 SFH617A-4 IF = 1.0 mA, VCE = 5.0 V SFH617A-1 SFH617A-2 SFH617A-3 SFH617A-4 Symbol CTR CTR CTR CTR CTR CTR CTR CTR Min 40 63 100 160 13 22 34 56 30 45 70 90 Typ.
VISHAY
Max 80 125 200 320
Unit % % % % % % % %
Switching Characteristics
Without Saturation Parameter Turn-on time Rise time Turn-off time Fall time Cut-off frequency With Saturation Parameter Turn-on time IF = 20 mA IF = 10 mA IF = 5.0 mA Rise time IF = 20 mA IF = 10 mA IF = 5.0 mA Turn-off time IF = 20 mA IF = 10 mA IF = 5.0 mA Fall time IF = 20 mA IF = 10 mA IF = 5.0 mA Test condition Part SFH617A-1 SFH617A-2 SFH617A-3 SFH617A-4 SFH617A-1 SFH617A-2 SFH617A-3 SFH617A-4 SFH617A-1 SFH617A-2 SFH617A-3 SFH617A-4 SFH617A-1 SFH617A-2 SFH617A-3 SFH617A-4 Symbol ton ton ton ton tr tr tr tr toff toff toff toff tf tf tf tf Min Typ. 3.0 4.2 4.2 6.0 2.0 3.0 3.0 4.6 18 23 23 25 11 14 14 15 Max Unit s s s s s s s s s s s s s s s s Test condition IF = 10 mA, VCC = 5.0 V, RL = 75 IF = 10 mA, VCC = 5.0 V, RL = 75 IF = 10 mA, VCC = 5.0 V, RL = 75 IF = 10 mA, VCC = 5.0 V, RL = 75 IF = 10 mA, VCC = 5.0 V, Symbol ton tr toff tf fctr Min Typ. 3.0 2.0 2.3 2.0 250 Max Unit s s s s kHz
www.vishay.com 4
Document Number 83740 Rev. 1.4, 26-Oct-04
VISHAY
Typical Characteristics (Tamb = 25 C unless otherwise specified)
SFH617A
Vishay Semiconductors
IF
RL = 75 VCC = 5 V IC
47
isfh610a_01
isfh610a_04
Figure 2. Linear Operation ( without Saturation)
Figure 5. Output Characteristics (typ.) Collector Current vs. Collector-Emitter Voltage
VF = f (IF)
IF
1.0 k VCC = 5 V
47
isfh610a_02
isfh610a_05
Figure 3. Switching Operation (with Saturation)
Figure 6. Diode Forward Voltage vs. Forward Current
f = 1.0 MHz
IF = 10 mA, VCC = 5.0 V
isfh610a_06
isfh610a_03
Figure 4. Current Transfer Ratio (CTR) vs. Temperature
Figure 7. Transistor Capacitance (typ.) vs. Collector-Emitter Voltage
Document Number 83740 Rev. 1.4, 26-Oct-04
www.vishay.com 5
SFH617A
Vishay Semiconductors
VISHAY
Ptot = f (TA)
Pulse cycle D = parameter,
isfh610a_07
isfh610a_08
Figure 8. Permissible Pulse Handling Capability Forward Current vs. Pulse Width
Figure 9. Permissible Power Dissipation vs. Temperature
Package Dimensions in Inches (mm)
2
1 pin one ID
.255 (6.48) .268 (6.81)
ISO Method A
3
4
.179 (4.55) .190 (4.83) .030 (.76) .045 (1.14) .031 (.79) typ. .050 (1.27) typ. .130 (3.30) .150 (3.81) 4 typ. .018 (.46) .022 (.56) 10 .020 (.508 ) .035 (.89) .050 (1.27) .100 (2.54) 3-9 .300 (7.62) typ.
.230 (5.84) .250 (6.35) .110 (2.79) .130 (3.30)
i178027
.008 (.20) .012 (.30)
www.vishay.com 6
Document Number 83740 Rev. 1.4, 26-Oct-04
VISHAY
SFH617A
Vishay Semiconductors
Option 6
.407 (10.36) .391 (9.96) .307 (7.8) .291 (7.4) .028 (0.7) MIN.
Option 7
.300 (7.62) TYP .
Option 9
.375 (9.53) .395 (10.03) .300 (7.62) ref.
.180 (4.6) .160 (4.1) .0040 (.102)
.0098 (.249)
.315 (8.0) MIN. .014 (0.35) .010 (0.25) .400 (10.16) .430 (10.92) .331 (8.4) MIN. .406 (10.3) MAX.
.012 (.30) typ.
.020 (.51) .040 (1.02)
.315 (8.00) min.
15 max.
18450
Document Number 83740 Rev. 1.4, 26-Oct-04
www.vishay.com 7
SFH617A
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
VISHAY
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 8
Document Number 83740 Rev. 1.4, 26-Oct-04


▲Up To Search▲   

 
Price & Availability of SFH617A-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X